ksd-t5g002-001 1 NT332 pnp silicon transistor description ? general small signal amplifier features ? low collector saturation voltage : v ce(sat) =-0.15v(max.) ? extremely small size package: 0.8x0.6x0.4 L typ. ? complementary pair with nt331 ordering information type no. marking package code NT332 p sot-923 :h fe rank absolute maximum ratings (ta=25 c) characteristic symbol rating unit collector-base voltage v cbo -20 v collector-emitter voltage v ceo -20 v emitter-base voltage v ebo -5 v collector current i c -50 ma collector power dissipation p c 50 mw junction temperature t j 150 c storage temperature range t stg -55~150 c electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-emitter breakdown voltage bv ceo i c =-1ma, i b =0 -20 - - v collector cut-off current i cbo v cb =-20v, i e =0 - - -0.1 a emitter cut-off current i ebo v eb =-5v, i c =0 - - -0.1 a dc current gain h fe * v ce =-6v, i c =-2ma 120 - 400 - collector-emitter saturation voltage v ce(sat) i c =-50ma, i b =-5ma - - -0.15 v base-emitter voltage v be v ce =-6v, i c =-2ma - -0.7 -0.9 v transition frequency f t v ce =-10v, i c =-10ma - 200 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 4 - pf *: h fe rank / y : 120~240, g : 200~400 sot-923 1 2 3 pin connection
ksd-t5g002-001 2 NT332 c electrical characteristic curves fig. 3 i c - v ce fig. 4 h fe - i c fig. 2 i c - v be fig. 1 p c - t a fig. 6 h fe - i c fig. 5 v ce(sat) - i c ?
ksd-t5g002-001 3 NT332 outline dimension recommend pcb solder land [unit: mm]
ksd-t5g002-001 4 NT332 the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.
|